PART |
Description |
Maker |
0809LD30P |
Compant High-Insulation Power Relay, Polarized, 10A 30 Watt / 28V / 1 Ghz LDMOS FET 30 WATT 28V 1 GHz LDMOS FET 30 WATT, 28V, 1 GHz LDMOS FET
|
Electronic Theatre Controls, Inc. GHZ Technology ETC[ETC] List of Unclassifed Manufacturers
|
MG75Q2YS40 E002411 |
WIRE, ETFE, TEFZEL, 12AWG, WHITE, 100M; Area, conductor CSA:3.022mm2; Conductor make-up:37/0.320; Voltage rating, AC:600V; Current rating:35A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
RCMY |
Accurate Dimensions, High Insulation, High Voltage
|
Vishay
|
RCMX |
Accurate Dimensions, High Insulation, High Stability
|
Vishay
|
QSCT |
HEAT SHRINK HIGH VOLTAGE INSULATION TUBING
|
Qualtek Electronics Corporation
|
0598340250 59834-0250 |
Insulation Cap, Wire Insulation Diameter 5.20mm (.205) Insulation Cap, Wire Insulation Diameter 5.20mm (.205")
|
Molex Electronics Ltd.
|
1804AG7X500 |
28 AWG stranded (19x40) high-conductivity silver plated copper alloy conductors, polypropylene insulation, tinned copper braid shield
|
List of Unclassifed Man...
|
BP5710-1 |
Regulator LSIs > General purpose regulator module > Insulation type AC/DC converter (Power modules)
|
ROHM
|
IDT72T4088L6-7BB IDT72T4098L6-7BB IDT72T4088L6-7BB |
Insulation Displacement (IDC) Connector; No. of Contacts:36; Contact Termination:IDC; Gender:Female; Pitch Spacing:0.1" RoHS Compliant: Yes 64K X 40 OTHER FIFO, 3.2 ns, PBGA208 Insulation Displacement (IDC) Connector; No. of Contacts:36; Contact Termination:IDC; Gender:Female; Pitch Spacing:0.1" RoHS Compliant: Yes 2.5伏高速TeraSync??复员/特别提款权的FIFO 40位配 2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION 16K X 40 OTHER FIFO, 3.6 ns, PBGA208 Insulation Displacement (IDC) Connector; No. of Contacts:44; Contact Termination:IDC; Gender:Female; Pitch Spacing:0.1" RoHS Compliant: Yes 2.5伏高速TeraSync??复员/特别提款权的FIFO 40位配 2.5 VOLT HIGH-SPEED TeraSync?? DDR/SDR FIFO 40-BIT CONFIGURATION
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|